PART |
Description |
Maker |
ISL29004 ISL29004IROZ ISL29004IROZ-EVALZ ISL29004I |
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
|
Intersil Corporation
|
ISL29004IROZ-T7 |
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|
APL5332KAC-TR APL5332KAC-TRL APL5332U5C-TRL APL533 |
CMOS LDO with source-sink and output selection function CMOS LDO with Source-Sink & Output Selection Functions Silver Mica Capacitor; Capacitance:33000pF; Capacitance Tolerance: /- 1%; Series:CD30; Voltage Rating:100VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:No RoHS Compliant: No CMOS LDO with Source-Sink & Output Selection Functions CMOS低压与源
|
ANPEC Electronics Corporation ETC ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
BFT25A BFT25A-15 |
NPN 5 GHz wideband transistor BFT25A<SOT23 (TO-236AB)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;BFT25A/C<SOT23 (TO-236AB)|<<http://www.nxp.com/packages/SOT23.html<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
8V74S4622 |
Clock signal selection
|
Integrated Device Techn...
|
74ABT126PW 74ABT126D-602 |
Quad buffer; 3-state 74ABT126D<SOT108-1 (SO14)|<<http://www.nxp.com/packages/SOT108-1.html<1<week 5, 2004,;74ABT126D<SOT108-1 (SO14)|<<http://www.nxp.com/packages/SOT108-1.html<1<week 5, 2004,;74ABT126DB<SOT337-1
|
NXP Semiconductors N.V.
|
74HCT30D NXPSEMICONDUCTORS-74HC30PW112 74HC30N |
8-input NAND gate 74HC30D<SOT108-1 (SO14)|<<http://www.nxp.com/packages/SOT108-1.html<1<week 13, 2005,;74HC30D<SOT108-1 (SO14)|<<http://www.nxp.com/packages/SOT108-1.html<1<week 13, 2005,;74HC30DB<SOT337-1 (SS
|
NXP Semiconductors N.V.
|
MPX2010 AN1668 |
Washing Appliance Sensor Selection
|
Freescale Semiconductor, Inc
|
AN670 |
ST6 - OSCILLATOR SELECTION FOR THE ST62
|
SGS Thomson Microelectronics
|
E32-D24 E32-T61-S E32-TC200F4R E32-T25XB |
Fiber Sensors Best Selection Catalog
|
Omron Electronics LLC
|
AD9748 DAC8B10- DAC08 DAC_8B_10-100NS AD9708 AD970 |
Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table Analog Devices: Data Converters: DAC 8-Bit 10 ns to 100 ns Converters Selection Table 8-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc. AD[Analog Devices]
|
|